Part Number Hot Search : 
AD7701SQ 00020 SAA7205 BCP69 NTE8125 16C15 2N440 F10D3
Product Description
Full Text Search
 

To Download EL2142C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EL2142C
EL2142C
Differential Line Receiver
Features
Differential input range g2 3V 150 MHz 3 dB bandwidth 400 V ms slewrate g5V supplies or single supply 50 mA minimum output current Output swing (100X load) to within 1 5V of supplies Low power b 11 mA typical
General Description
The EL2142C is a very high bandwidth amplifier designed to extract the difference signal from noisy environments and is thus primarily targeted for applications such as receiving signals from twisted pair lines or any application where common mode noise injection is likely to occur The EL2142C is stable for a gain of one and requires two external resistors to set the voltage gain The output common mode level is set by the reference pin (VREF) which has a b 3 dB bandwidth of over 100 MHz Generally this pin is grounded but it can be tied to any voltage reference The output can deliver a minimum of g50 mA and is short circuit protected to withstand a temporary overload condition
Applications
Twisted pair receiver Differential line receiver VGA over twisted pair ADSL HDSL receiver Differential to single ended amplification Reception of analog signals in a noisy environment
Connection Diagrams
EL2142C SO P-DIP
Ordering Information
Part No Temp Range Package Outline MDP0031 EL2142CN b 40 C to a 85 C 8-pin DIP EL2142CS
b 40 C to a 85 C 8-pin SOIC MDP0027
2142-1
January 1996 Rev A
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ``controlled document'' Current revisions if any to these specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1996 Elantec Inc
EL2142C
Differential Line Receiver
Absolute Maximum Ratings (TA e 25 C)
Supply Voltage (VCC - VEE) Maximum Output Current Storage Temperature Range 0V to 12 6V g60 mA b 65 C to a 150 C Operating Junction Temperature Lead Temperature ( k5 sec) Recommended Operating Temperature
a 150 C a 300 C b 40 C to a 85 C
Important Note All parameters having Min Max specifications are guaranteed The Test Level column indicates the specific device testing actually performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJ e TC e TA Test Level I II III IV V Test Procedure 100% production tested and QA sample tested per QA test plan QCX0002 100% production tested at TA e 25 C and QA sample tested at TA e 25 C TMAX and TMIN per QA test plan QCX0002 QA sample tested per QA test plan QCX0002 Parameter is guaranteed (but not tested) by Design and Characterization Data Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics
(VCC e a 5V VEE e b 5V TA e 25C VIN e 0V RL e 100 unless otherwise specified)
Parameter Vsupply IS VOS IIN ZIN CIN VDIFF AVOL VIN VOUT IOUT(min) VN VREF PSRR CMRR2 CMRR1 Description Supply Operating Range (VCC - VEE) Power Supply Current (no load) Input Referred Offset Voltage Input Bias Current (VIN VINB VREF) Differential Input Resistance Differential Input Capacitance Differential Input Range Open Loop Voltage Gain Input Common Mode Voltage Range Output Voltage Swing (50X load to GND) Minimum Output Current Input Referred Voltage Noise Output Voltage Control Range Power Supply Rejection Ratio Input Common Mode Rejection Ratio (VIN e g2V) Input Common Mode Rejection Ratio (full VIN range)
b2 5 b2 6
g2 9 g3 1 g2 0
Min
g3 0
Typ
g5 0
Max
g6 3
Test Level I I I I V V I V
Units V mA mV mA KX pF V dB V V mA nV
11
b 25 b 20
14 40 20
10 6 400 1
g2 3
75
a4 0
I I I V
50
60 36
a3 3
SHz
V TD is 3 3in dB dB dB
I I I I
60 60 50
70 70 60
2
EL2142C
Differential Line Receiver
AC Electrical Characteristics
(VCC e a 5V VEE e b 5V TA e 25C VIN e 0V RLOAD e 100 unless otherwise specified)
Parameter BW(b3dB) SR Tstl GBWP VREFBW(b3 dB) VREFSR dG di Description
b 3 dB Bandwidth (Gain e 1)
Min
Typ 150 400 15 200 130 100 02 02
Max
Test Level V V V V V V V V
Units MHz V ms ns MHz MHz TD is 1 8in V msec %
Slewrate Settling time to 1% Gain bandwidth product VREF b3dB Bandwidth VREF Slewrate Differential gain at 3 58 MHz Differential phase at 3 58 MHz
Pin Description
Pin Number 1 2 3 4 5 6 7 8 Pin Name VFB VIN VINB VREF NC VCC VEE VOUT Positive supply voltage Negative supply voltage Output voltage Feedback input Non-inverting input Inverting input Sets output voltage level to VREF when VIN e VINB Function
3
EL2142C
Differential Line Receiver
Typical Performance Curves
IS vs Supply Voltage Frequency Response (Gain e 1)
2142 - 2
2142 - 3
Frequency Response vs Resistor R1 (Gain e 4)
CMRR vs Frequency
2142 - 4
2142 - 5
VREF Frequency Response
Distortion vs Frequency (GAIN e 3 RLOAD e 100X) VIN e 2V pk pk
2142 - 6
2142 - 7
4
EL2142C
Differential Line Receiver
Applications Information
2142-8
Gain Equation
VOUT e ((R2 a R1) R1) c (VIN-VINB a VREF) when R1 tied to GND VOUT e ((R2 a R1) R1) c (VIN-VINB) when R1 tied to VREF
Choice of Feedback Resistor
For a gain of one VOUT may be shorted back to VFB but 100X - 200X improves the bandwidth For gains greater than one there is little to be gained from choosing resistor R1 value below 200X for it would only result in increased power dissipation and potential signal distortion Above 200X the bandwidth response will develop some peaking (for a gain of one) but substantially higher R1 values may be used for higher voltage gains such as up to 1 kX at a gain of four before peaking will develop
Capacitance Considerations
As with many high bandwidth amplifiers the EL2142C prefers not to drive highly capacitive loads It is best if the capacitance on VOUT is kept below 10 pF if the user does not want gain peaking to develop The VFB node forms a potential pole in the feedback loop so capacitance should be minimized on this node for maximum bandwidth The amount of capacitance tolerated on any of these nodes in an actual application will also be dependent on the gain setting and the resistor values in the feedback network
5
EL2142C
Differential Line Receiver
Typical Applications
2142-9
Figure 1 Typical Twisted Pair Application
2142-10
Figure 2 Coaxial Cable Driver
6
EL2142C
Differential Line Receiver
Typical Applications
Contd
2142-11
Figure 3 Single Supply Receiver
2142-12
2142-13
Figure 4 Compensated Line Receiver
7
EL2142C
EL2142C
Differential Line Receiver
2142-14
Figure 5 Two Channel Multiplexer
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown Elantec Inc reserves the right to make changes in the circuitry or specifications contained herein at any time without notice Elantec Inc assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement
WARNING
Life Support Policy
January 1996 Rev A
Elantec Inc 1996 Tarob Court Milpitas CA 95035 Telephone (408) 945-1323 (800) 333-6314 Fax (408) 945-9305 European Office 44-71-482-4596
8
Elantec Inc products are not authorized for and should not be used within Life Support Systems without the specific written consent of Elantec Inc Life Support systems are equipment intended to support or sustain life and whose failure to perform when properly used in accordance with instructions provided can be reasonably expected to result in significant personal injury or death Users contemplating application of Elantec Inc products in Life Support Systems are requested to contact Elantec Inc factory headquarters to establish suitable terms conditions for these applications Elantec Inc 's warranty is limited to replacement of defective components and does not cover injury to persons or property or other consequential damages
Printed in U S A


▲Up To Search▲   

 
Price & Availability of EL2142C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X